Part Number Hot Search : 
20M16 GBPC1508 AS324G MCT210M M2500 S25C64 JANTX2N TNY176
Product Description
Full Text Search
 

To Download IS61WV12816BLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS61WV12816BLL IS64WV12816BLL
128K x 16 HIGH-SPEED CMOS STATIC RAM
ISSI
FEBRUARY 2006
(R)
FEATURES
* High-speed access time: 12 ns: 3.3V + 10% 15 ns: 2.5V-3.6V * Operating Current: 25mA (typ.) * Stand by Current: 400A(typ.) * TTL and CMOS compatible interface levels * Fully static operation: no clock or refresh required * Three state outputs * Data control for upper and lower bytes * Industrial and Automotive temperatures available * Lead-free available
DESCRIPTION
The ISSI IS61WV12816BLL and IS64WV12816BLL are high-speed, 2,097,152-bit static RAM organized as 131,072 words by 16 bits. They are fabricated using ISSI's highperformance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields access times as fast as 12 ns with low power consumption. When CE is HIGH (deselected), the device assumes a standby mode at which the power dissipation can be reduced down with CMOS input levels. Easy memory expansion is provided by using Chip Enable and Output Enable inputs, CE and OE. The active LOW Write Enable (WE) controls both writing and reading of the memory. A data byte allows Upper Byte (UB) and Lower Byte (LB) access. The IS61WV12816BLL and IS64WV12816BLL are packaged in the JEDEC standard 44-pin TSOP (Type II) and 48-pin mini BGA (6mm x 8mm).
FUNCTIONAL BLOCK DIAGRAM
A0-A16
DECODER
128Kx16 MEMORY ARRAY
VDD GND I/O0-I/O7 Lower Byte I/O8-I/O15 Upper Byte I/O DATA CIRCUIT
COLUMN I/O
CE OE WE UB LB
CONTROL CIRCUIT
Copyright (c) 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
1
IS61WV12816BLL IS64WV12816BLL
TRUTH TABLE
Mode Not Selected Output Disabled Read WE X H X H H H L L L CE H L L L L L L L L OE X H X L L L X X X LB X X H L H L L H L UB X X H H L L H L L I/O PIN I/O0-I/O7 I/O8-I/O15 High-Z High-Z High-Z DOUT High-Z DOUT DIN High-Z DIN High-Z High-Z High-Z High-Z DOUT DOUT High-Z DIN DIN
ISSI
VDD Current ISB1, ISB2 ICC ICC
(R)
Write
ICC
PIN CONFIGURATION 44-Pin TSOP (Type II) (T)
PIN DESCRIPTIONS
A0-A16 Address Inputs Data Inputs/Outputs Chip Enable Input Output Enable Input Write Enable Input Lower-byte Control (I/O0-I/O7) Upper-byte Control (I/O8-I/O15) No Connection Power Ground I/O0-I/O15 CE OE WE LB UB NC VDD GND
A4 A3 A2 A1 A0 CE I/O0 I/O1 I/O2 I/O3 VDD GND I/O4 I/O5 I/O6 I/O7 WE A16 A15 A14 A13 A12
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
A5 A6 A7 OE UB LB I/O15 I/O14 I/O13 I/O12 GND VDD I/O11 I/O10 I/O9 I/O8 NC A8 A9 A10 A11 NC
2
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
IS61WV12816BLL IS64WV12816BLL
PIN CONFIGURATION
48-Pin mini BGA (B)
1 2 3 4 5 6
ISSI
PIN DESCRIPTIONS
A0-A16 I/O0-I/O15 CE Address Inputs Data Inputs/Outputs Chip Enable Input Output Enable Input Write Enable Input Lower-byte Control (I/O0-I/O7) Upper-byte Control (I/O8-I/O15) No Connection Power Ground
(R)
A B C D E F G H
LB I/O8 I/O9 GND VDD I/O14 I/O15 NC
OE UB I/O10 I/O11 I/O12 I/O13 NC A8
A0 A3 A5 NC NC A14 A12 A9
A1 A4 A6 A7 A16 A15 A13 A10
A2 CE I/O1 I/O3 I/O4 I/O5 WE A11
NC I/O0 I/O2 VDD GND I/O6 I/O7 NC
OE WE LB UB NC VDD GND
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
3
IS61WV12816BLL IS64WV12816BLL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VDD VTERM TSTG PT Note: Parameter Power Supply Voltage Relative to GND Terminal Voltage with Respect to GND Storage Temperature Power Dissipation Value -0.5 to 4.0V -0.5 to VDD + 0.5 -65 to + 150 1.0 Unit V V C W
ISSI
(R)
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
OPERATING RANGE (VDD)
Range Industrial Automotive Ambient Temperature -40C to +85C -40C to +125C VDD (15 nS) 2.5V-3.6V 2.5V-3.6V VDD (12 nS) 3.3V + 10%
DC ELECTRICAL CHARACTERISTICS (Over Operating Range) VDD = 2.5V-3.6V
Symbol VOH VOL VIH VIL ILI ILO Note:
1. VIL (min.) = -0.3V DC; VIL (min.) = -2.0V AC (pulse width - 2.0 ns). Not 100% tested. VIH (max.) = VDD + 0.3V DC; VIH (max.) = VDD + 2.0V AC (pulse width - 2.0 ns). Not 100% tested.
Parameter Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage(1) Input Leakage Output Leakage
Test Conditions VDD = Min., IOH = -1.0 mA VDD = Min., IOL = 1.0 mA
Min. 1.8 -- 2.0 -0.3
Max. -- 0.4 VDD + 0.3 0.4 1 1
Unit V V V V A A
GND VIN VDD GND VOUT VDD, Outputs Disabled
-1 -1
DC ELECTRICAL CHARACTERISTICS (Over Operating Range) VDD = 3.3V + 10%
Symbol VOH VOL VIH VIL ILI ILO Note:
1. VIL (min.) = -0.3V DC; VIL (min.) = -2.0V AC (pulse width - 2.0 ns). Not 100% tested. VIH (max.) = VDD + 0.3V DC; VIH (max.) = VDD + 2.0V AC (pulse width - 2.0 ns). Not 100% tested.
Parameter Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage(1) Input Leakage Output Leakage
Test Conditions VDD = Min., IOH = -4.0 mA VDD = Min., IOL = 8.0 mA
Min. 2.4 -- 2 -0.3
Max. -- 0.4 VDD + 0.3 0.8 1 1
Unit V V V V A A
GND VIN VDD GND VOUT VDD, Outputs Disabled
-1 -1
4
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
IS61WV12816BLL IS64WV12816BLL
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
Symbol ICC Parameter VDD Operating Supply Current Test Conditions VDD = Max., CE = VIL IOUT = 0 mA, f = Max. Com. Ind. Auto typ.(2) Com. Ind. Auto Com. Ind. Auto typ.(2) -12ns Min. Max. -- -- -- -- -- -- -- -- 35 40 25 20 20 750 900 400
ISSI
-15 ns Min. Max. -- -- -- -- -- -- -- -- -- -- -- 30 35 40 20 20 20 30 750 900 6 400 Unit mA
(R)
ISB1
TTL Standby Current (TTL Inputs) CMOS Standby Current (CMOS Inputs)
VDD = Max., VIN = VIH or VIL CE VIH, f = max VDD = Max., CE VDD - 0.2V, VIN VDD - 0.2V, or VIN 0.2V, f = 0
mA
ISB2
A A mA A
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change. 2. Typical values are measured at VDD=3.3V, TA=250C. Not 100% tested.
CAPACITANCE(1)
Symbol CIN COUT Note:
1. Tested initially and after any design or process changes that may affect these parameters.
Parameter Input Capacitance Input/Output Capacitance
Conditions VIN = 0V VOUT = 0V
Max. 6 8
Unit pF pF
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
5
IS61WV12816BLL IS64WV12816BLL
AC TEST CONDITIONS
Parameter Input Pulse Level Input Rise and Fall Times Input and Output Timing and Reference Level (VRef) Output Load Unit (2.5V-3.6V) 0.4V to VDD-0.3V 1.5ns VDD/2 See Figures 1 and 2 Unit (3.3V + 10%) 0.4V to VDD-0.3V 1.5ns VDD/2 + 0.05 See Figures 1 and 2
ISSI
(R)
AC TEST LOADS
319 3.3V
ZO = 50 OUTPUT
50 1.5V
OUTPUT
30 pF Including jig and scope
5 pF Including jig and scope
353
Figure 1.
Figure 2.
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter Read Cycle Time Address Access Time Output Hold Time CE Access Time OE Access Time OE to High-Z Output OE to Low-Z Output CE to High-Z Output CE to Low-Z Output LB, UB Access Time
(2) (2) (2)
-12 ns Min. Max. 12 -- 3 -- -- -- 0 0 3 -- 0 0 -- 12 -- 12 5 5 -- 5 -- 5 5 --
-15 ns Min. Max. 15 -- 3 -- -- -- 0 0 3 -- 0 0 -- 15 -- 15 7 6 -- 6 -- 7 6 --
Unit ns ns ns ns ns ns ns ns ns ns ns ns
tRC tAA tOHA tACE tDOE tHZOE(2) tLZOE tHZCE tBA tHZB tLZB
(2)
tLZCE(2)
LB, UB to High-Z Output LB, UB to Low-Z Output
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested.
6
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
IS61WV12816BLL IS64WV12816BLL
AC WAVEFORMS READ CYCLE NO. 1(1,2) (Address Controlled) (CE = OE = VIL, UB or LB = VIL)
t RC
ADDRESS
ISSI
(R)
t AA t OHA
DOUT
PREVIOUS DATA VALID
t OHA
DATA VALID
READ1.eps
READ CYCLE NO. 2(1,3)
t RC
ADDRESS
t AA
OE
t OHA
t DOE
CE
t HZOE
t LZOE t ACE t LZCE t HZCE
LB, UB
DOUT
HIGH-Z
t LZB
t BA
DATA VALID
t HZB
UB_CEDR2.eps
1. WE is HIGH for a Read Cycle. 2. The device is continuously selected. OE, CE, UB, or LB = VIL. 3. Address is valid prior to or coincident with CE LOW transition.
Notes:
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
7
IS61WV12816BLL IS64WV12816BLL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
Symbol Parameter Write Cycle Time CE to Write End Address Setup Time to Write End Address Hold from Write End Address Setup Time LB, UB Valid to End of Write WE Pulse Width (OE = HIGH) WE Pulse Width (OE = LOW) Data Setup to Write End Data Hold from Write End WE LOW to High-Z Output WE HIGH to Low-Z Output -12 ns Min. Max. 12 8 8 0 0 9 8 10 6 0 -- 0 -- -- -- -- -- -- -- -- -- -- 5 -- -15 ns Min. Max. 15 10 10 0 0 10 10 12 7 0 -- 0 -- -- -- -- -- -- -- -- -- -- 7 -- Unit ns ns ns ns ns ns ns ns ns ns ns ns
ISSI
(R)
tWC tSCE tAW tHA tSA tPBW tPWE1 tPWE2 tSD tHD tHZWE(3) tLZWE(3)
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and output loading specified in Figure 1. 2. The internal write time is defined by the overlap of CE LOW and UB or LB, and WE LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the write. 3. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested.
8
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
IS61WV12816BLL IS64WV12816BLL
WRITE CYCLE NO. 1(1,2) (CE Controlled, OE = HIGH or LOW)
t WC
ADDRESS
VALID ADDRESS
ISSI
(R)
t SA
CE
t SCE
t HA
WE
t AW t PWE1 t PWE2 t PBW
UB, LB
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CEWR1.eps
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
9
IS61WV12816BLL IS64WV12816BLL
WRITE CYCLE NO. 2(1) (WE Controlled, OE = HIGH during Write Cycle)
t WC
ADDRESS
VALID ADDRESS
ISSI
(R)
t HA
OE
CE
LOW
t AW
WE
t PWE1 t PBW
t SA
UB, LB
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CEWR2.eps
WRITE CYCLE NO. 3 (WE Controlled: OE is LOW During Write Cycle)
t WC
ADDRESS OE CE
VALID ADDRESS
LOW
t HA
LOW
t AW
WE
t PWE2 t PBW
t SA
UB, LB
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CEWR3.eps
10
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
IS61WV12816BLL IS64WV12816BLL
WRITE CYCLE NO. 4 (LB, UB Controlled, Back-to-Back Write) (1,3)
t WC
ADDRESS
ADDRESS 1
ISSI
t WC
ADDRESS 2
(R)
OE
t SA
CE
LOW
WE
t HA t SA t PBW t PBW
WORD 2
t HA
UB, LB
WORD 1
t HZWE
DOUT
HIGH-Z
t LZWE t HD
DATAIN VALID
DATA UNDEFINED
t SD
DIN
t SD
DATAIN VALID
t HD
UB_CEWR4.eps
Notes:
1. The internal Write time is defined by the overlap of CE = LOW, UB and/or LB = LOW, and WE = LOW. All signals must be in valid states to initiate a Write, but any can be deasserted to terminate the Write. The tSA, tHA, tSD, and tHD timing is referenced to the rising or falling edge of the signal that terminates the Write. 2. Tested with OE HIGH for a minimum of 4 ns before WE = LOW to place the I/O in a HIGH-Z state. 3. WE may be held LOW across many address cycles and the LB, UB pins can be used to control the Write function.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
11
IS61WV12816BLL IS64WV12816BLL
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol Parameter VDD for Data Retention Data Retention Current Data Retention Setup Time Recovery Time Test Condition See Data Retention Waveform VDD = 2.0V, CE VDD - 0.2V See Data Retention Waveform See Data Retention Waveform
O
ISSI
Options Ind. Auto Min. 1.8 -- -- 0 Typ.(1) -- 0.4 0.4 -- -- Max. 3.6 0.9 6 -- -- Unit V mA mA ns ns
(R)
VDR
IDR
tSDR tRDR
tRC
Note 1: Typical values are measured at VDD = 3.3V, TA = 25 C. Not 100% tested.
DATA RETENTION WAVEFORM (CE Controlled)
tSDR VDD
Data Retention Mode
tRDR
VDR CE VDD - 0.2V
CE GND
12
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
IS61WV12816BLL IS64WV12816BLL
ORDERING INFORMATION: Industrial Range: -40C to +85C
Speed (ns) 12 (15 )
1
ISSI
Package mini BGA (6mm x 8mm) mini BGA (6mm x 8mm), Lead-free Plastic TSOP (Type II) Plastic TSOP (Type II), Lead-free
(R)
Order Part No. IS61WV12816BLL-12BI IS61WV12816BLL-12BLI IS61WV12816BLL-12TI IS61WV12816BLL-12TLI
Note:
1. Speed = 12ns for VDD = 3.3V + 10%. Speed = 15ns for VDD = 2.5V-3.6V
Automotive Range: -40C to +125C
Speed (ns) 15 Order Part No. IS64WV12816BLL-15BA3 IS64WV12816BLL-15TA3 IS64WV12816BLL-15TLA3 Package mini BGA (6mm x 8mm) Plastic TSOP (Type II) Plastic TSOP (Type II), Lead-free
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. C 02/03/06
13
PACKAGING INFORMATION
Mini Ball Grid Array Package Code: B (48-pin)
Top View 1 2 3 4 56 6
ISSI
Bottom View
b (48x)
(R)
5
4
3
2
1
A B C D D E F G H D1
e
A B C D E F G H
e E E1
A2 SEATING PLANE A1
A
Notes: 1. Controlling dimensions are in millimeters.
mBGA - 6mm x 8mm
MILLIMETERS Sym.
N0. Leads A A1 A2 D D1 E E1 e b -- 0.24 0.60 7.90 5.90
mBGA - 8mm x 10mm
INCHES Min. Typ. Max. Sym.
N0. Leads
MILLIMETER Min. Typ. Max.
48 -- 0.24 0.60 9.90 7.90 -- -- -- -- -- 1.20 0.30 -- 10.10 8.10 --
INCHES Min. Typ. Max.
Min. Typ. Max.
48 -- -- -- -- -- 1.20 0.30 -- 8.10 6.10
-- 0.009 0.024 0.311 0.232
-- -- -- -- --
0.047 0.012 -- 0.319 0.240
A A1 A2 D D1 E E1 e b
-- -- -- -- --
0.047 0.012 -- 0.398 0.319
0.009 0.024 0.390 0.311
5.25 BSC 3.75 BSC 0.75 BSC 0.30 0.35 0.40
0.207 BSC 0.148 BSC 0.030 BSC 0.012 0.014 0.016
5.25 BSC 3.75 BSC 0.75 BSC 0.30 0.35 0.40
0.207 BSC 0.148 BSC 0.030 BSC 0.012 0.014 0.016
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 01/15/03
PACKAGING INFORMATION
Plastic TSOP Package Code: T (Type II)
ISSI
Notes: 1. Controlling dimension: millimieters, unless otherwise specified. 2. BSC = Basic lead spacing between centers. 3. Dimensions D and E1 do not include mold flash protrusions and should be measured from the bottom of the package. 4. Formed leads shall be planar with respect to one another within 0.004 inches at the seating plane.
(R)
N
N/2+1
E1
E
1 D
N/2
SEATING PLANE
ZD
A
.
e b L A1 C
Symbol Ref. Std. No. Leads A A1 b C D E1 E e L ZD
Millimeters Min Max
Inches Min Max
Plastic TSOP (T - Type II) Millimeters Inches Min Max Min Max 44 -- 1.20 -- 0.047 0.05 0.15 0.002 0.006 0.30 0.45 0.012 0.018 0.12 0.21 0.005 0.008 18.31 18.52 0.721 0.729 10.03 10.29 0.395 0.405 11.56 11.96 0.455 0.471 0.80 BSC 0.032 BSC 0.41 0.60 0.016 0.024 0.81 REF 0.032 REF 0 5 0 5
Millimeters Min Max 50 -- 1.20 0.05 0.15 0.30 0.45 0.12 0.21 20.82 21.08 10.03 10.29 11.56 11.96 0.80 BSC 0.40 0.60 0.88 REF 0 5
Inches Min Max
(N) 32 -- 1.20 -- 0.047 0.05 0.15 0.002 0.006 0.30 0.52 0.012 0.020 0.12 0.21 0.005 0.008 20.82 21.08 0.820 0.830 10.03 10.29 0.391 0.400 11.56 11.96 0.451 0.466 1.27 BSC 0.050 BSC 0.40 0.60 0.016 0.024 0.95 REF 0.037 REF 0 5 0 5
-- 0.047 0.002 0.006 0.012 0.018 0.005 0.008 0.820 0.830 0.395 0.405 0.455 0.471 0.031 BSC 0.016 0.024 0.035 REF 0 5
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. F 06/18/03


▲Up To Search▲   

 
Price & Availability of IS61WV12816BLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X